công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3C110 bảng dữ liệu(PDF) 15 Page - Intel Corporation

tên linh kiện JS28F320J3C110
Giải thích chi tiết về linh kiện  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 bảng dữ liệu(HTML) 15 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 11Page - Intel Corporation JS28F320J3C110 Datasheet HTML 12Page - Intel Corporation JS28F320J3C110 Datasheet HTML 13Page - Intel Corporation JS28F320J3C110 Datasheet HTML 14Page - Intel Corporation JS28F320J3C110 Datasheet HTML 15Page - Intel Corporation JS28F320J3C110 Datasheet HTML 16Page - Intel Corporation JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
15
4.2
56-Lead TSOP (32/64/128/256 Mbit)
NOTES:
1. A22 exists on 64-, 128- and 256-Mbit densities. On 32-Mbit densities this signal is a no-connect (NC).
2. A23 exists on 128-Mbit densities. On 32- and 64-Mbit densities this signal is a no-connect (NC).
3. A24 exists on 256-Mbit densities. On 32-, 64- and 128-Mbit densities this signal is a no-connect (NC).
4. VCC = 5 V ± 10% for the 28F640J5/28F320J5.
4.3
VF BGA Ballout (32 and 64 Mbit)
NOTES:
1. CE# is equivalent to CE0, and CE1 and CE2 are internally grounded.
2. A22 exists on the 64 Mb density only. On the 32-Mbit density, this signal is a no-connect (NC).
3. STS not supported in this package.
4. x8 not supported in this package.
Figure 7. Intel StrataFlash® Memory 56-Lead TSOP (32/64/128/256 Mbit)
Highlights pinout changes
3 Volt Intel
StrataFlash® Memory
56-Lead TSOP
Standard Pinout
14 mm x 20 mm
Top View
1
3
4
2
5
7
8
6
9
11
12
10
13
15
16
14
17
19
20
18
21
23
24
22
25
27
28
26
56
54
53
55
52
50
49
51
48
46
45
47
44
42
41
43
40
38
37
39
36
34
33
35
32
30
29
31
OE#
STS
WE#
DQ
15
DQ
14
DQ
6
DQ
7
GND
DQ
5
DQ
12
DQ
13
DQ
4
GND
DQ
11
V
CCQ
DQ
3
DQ
2
V
CC
DQ
10
DQ
9
DQ
8
DQ
0
DQ
1
A
0
CE
2
BYTE#
A
21
A
20
CE
1
A
19
A
17
A
16
A
18
V
CC
A
14
A
13
A
15
A
12
V
PEN
RP#
CE
0
A
11
A
9
A
8
A
10
GND
A
6
A
5
A
7
A
4
A
2
A
1
A
3
A
22
(1)
32/64/128M
3 Volt Intel
StrataFlash
Memory
32/64/128M
3 Volt Intel
StrataFlash
Memory
A
23
(2)
A
24
(3)
28F320J5
NC
OE#
STS
WE#
DQ
15
DQ
14
DQ
6
DQ
7
GND
DQ
5
DQ
12
DQ
13
DQ
4
GND
V
CCQ
DQ
11
DQ
3
DQ
10
V
CC
(4)
DQ
2
DQ
9
DQ
8
DQ
0
DQ
1
A
0
CE
2
BYTE#
NC
28F320J5
A
11
A
9
A
8
A
10
GND
A
6
A
5
A
7
A
4
A
2
A
1
A
3
NC
A
21
A
20
CE
1
A
19
A
17
A
16
A
18
A
14
A
13
A
15
A
12
V
PEN
RP#
CE
0
V
CC
(4)
28F160S3
A
20
CE
1
A
19
A
17
A
16
A
18
V
CC
NC
NC
A
14
A
13
A
15
A
12
CE
0
V
PP
RP#
A
11
A
9
A
8
A
10
GND
A
6
A
5
A
7
A
4
A
2
A
1
A
3
28F160S3
OE#
STS
WE#
DQ
15
DQ
14
DQ
6
DQ
7
GND
WP#
DQ
5
DQ
12
DQ
13
DQ
4
V
CC
GND
DQ
11
DQ
3
DQ
2
V
CC
DQ
10
DQ
9
DQ
8
DQ
0
DQ
1
A
0
BYTE#
NC
NC
Figure 8. Intel StrataFlash® Memory VF BGA Ballout (32 and 64 Mbit)
VFBGA6x8
TopView-Ball SideDown
2345
6
7
8
1
A12
A9
VPEN
VCC
A20
A8
A5
A11
WE#
RP#
A19
A18
A6
A3
A13
A10
A21
A7
A4
A2
D14D5D11
D2
D8
CE#
D15
D6
D12
D3
D9
D0
VSS
D7
D13
D4
VCC
D10
D1
OE#
A22
A1
A14
A15
A16
A17
VCCQ
VSS
A
B
C
D
E
F
VFBGA6x8
BottomView-Ball SideUp
2
3
4
5
6
7
81
A12
A9
VPEN
VCC
A20
A8
A5
A11
WE#
RP#
A19
A18
A6
A3
A13
A10
A21
A7
A4
A2
D14
D5
D11
D2
D8
CE#
D15
D6
D12
D3
D9
D0
VSS
D7
D13
D4
VCC
D10
D1
OE#
A22
A1
A14
A15
A16
A17
VCCQ
VSS
A
B
C
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com