công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3C110 bảng dữ liệu(PDF) 18 Page - Intel Corporation

tên linh kiện JS28F320J3C110
Giải thích chi tiết về linh kiện  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 bảng dữ liệu(HTML) 18 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 14Page - Intel Corporation JS28F320J3C110 Datasheet HTML 15Page - Intel Corporation JS28F320J3C110 Datasheet HTML 16Page - Intel Corporation JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation JS28F320J3C110 Datasheet HTML 20Page - Intel Corporation JS28F320J3C110 Datasheet HTML 21Page - Intel Corporation JS28F320J3C110 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
18
Datasheet
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
This datasheet contains information on new products in production. The specifications are subject
to change without notice. Verify with your local Intel Sales office that you have the latest datasheet
before finalizing a design. Absolute maximum ratings are shown in Table 4.
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond the “Operating Conditions” is not recommended
and extended exposure beyond the “Operating Conditions” may affect device reliability.
5.2
Operating Conditions
Table 4.
Absolute Maximum Ratings
Parameter
Maximum Rating
Temperature under Bias Extended
–40 °C to +85 °C
Storage Temperature
–65 °C to +125 °C
Voltage On Any signal
–2.0 V to +5.0 V(1)
Output Short Circuit Current
100 mA
(2)
NOTES:
1. All specified voltages are with respect to GND. Minimum DC voltage is –0.5 V on input/output signals and
–0.2 V on VCC and VPEN signals. During transitions, this level may undershoot to –2.0 V for periods <20
ns. Maximum DC voltage on input/output signals, VCC, and VPEN is VCC +0.5 V which, during transitions,
may overshoot to VCC +2.0 V for periods <20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 5.
Temperature and VCC Operating Conditions
Symbol
Parameter
Min
Max
Unit
Test Condition
TA
Operating Temperature
–40
+85
°C
Ambient Temperature
VCC
VCC1 Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
—
VCCQ
VCCQ Supply Voltage (2.7 V−3.6 V)
2.70
3.60
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com