| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129T bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129T bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 73 page ![]() PCF2129T All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 3 — 12 February 2013 39 of 73 NXP Semiconductors PCF2129T Accurate RTC with integrated quartz crystal for industrial 8.12 Interrupt output, INT PCF2129T has an interrupt output pin INT which is open-drain, active LOW (requiring a pull-up resistor if used). Interrupts may be sourced from different places: • second or minute timer • watchdog timer • alarm • timestamp • battery switch-over • battery low detection When SI, MI, WD_CD, AIE, TSIE, BIE, BLIE are all disabled, INT will remain high-impedance (output HIGH). Fig 19. Interrupt block diagram BLF: BATTERY LOW FLAG SET set battery low flag, BLF to interface: read BLF BLIE 001aaj399 from battery low detection circuit: clear BF CLEAR BF: BATTERY FLAG SET set battery flag, BF to interface: read BF BIE from interface: clear BF CLEAR TSFx: TIMESTAMP FLAG SET set timestamp flag, TSFx to interface: read TSFx TSIE from interface: clear TSF CLEAR AF: ALARM FLAG SET set alarm flag, AF to interface: read AF AIE from interface: clear AF CLEAR WDTF: WATCHDOG TIMER FLAG SET WATCHDOG COUNTER to interface: read WD_CD WD_CD = 0 WD_CD = 1 MCU loading watchdog counter CLEAR INT pin MSF: MINUTE SECOND FLAG SET MINUTES COUNTER SECONDS COUNTER to interface: read MSF SI/MI TI_TP 0 1 from interface: clear MSF CLEAR SI MI PULSE GENERATOR 1 TRIGGER CLEAR |