| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAU1977WBCPZ-R7 bảng dữ liệu(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAU1977WBCPZ-R7 bảng dữ liệu(HTML) 44 Page - Analog Devices |
|
44 / 64 page ![]() ADAU1977 Data Sheet Rev. A | Page 44 of 64 CHANNEL MAPPING FOR OUTPUT SERIAL PORTS REGISTER Address: 0x08, Reset: 0x32, Name: SAI_CMAP34 Table 34. Bit Descriptions for SAI_CMAP34 Bits Bit Name Settings Description Reset Access [7:4] CMAP_C4 ADC Channel 4 Output Mapping. 0x3 RW 0000 Slot 1 for Channel 0001 Slot 2 for Channel 0010 Slot 3 for Channel (on SDATAOUT2 in stereo modes) 0011 Slot 4 for Channel (on SDATAOUT2 in stereo modes) 0100 Slot 5 for Channel (TDM8+ only) 0101 Slot 6 for Channel (TDM8+ only) 0110 Slot 7 for Channel (TDM8+ only) 0111 Slot 8 for Channel (TDM8+ only) 1000 Slot 9 for Channel (TDM16 only) 1001 Slot 10 for Channel (TDM16 only) 1010 Slot 11 for Channel (TDM16 only) 1011 Slot 12 for Channel (TDM16 only) 1100 Slot 13 for Channel (TDM16 only) 1101 Slot 14 for Channel (TDM16 only) 1110 Slot 15 for Channel (TDM16 only) 1111 Slot 16 for Channel (TDM16 only) |