công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSC8152 bảng dữ liệu(PDF) 67 Page - Freescale Semiconductor, Inc

tên linh kiện MSC8152
Giải thích chi tiết về linh kiện  Dual-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8152 bảng dữ liệu(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MSC8152 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8152 Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
Product Documentation
MSC8152 Dual-Core Digital Signal Processor Data Sheet, Rev. 5
Freescale Semiconductor
67
6
Product Documentation
Following is a general list of supporting documentation:
•
MSC8152 Technical Data Sheet (MSC8152). Details the signals, AC/DC characteristics, clock signal characteristics,
package and pinout, and electrical design considerations of the MSC8152 device.
•
MSC8152 Reference Manual (MSC8152RM). Includes functional descriptions of the extended cores and all the
internal subsystems including configuration and programming information.
•
Application Notes. Cover various programming topics related to the StarCore DSP core and the MSC8152 device.
•
QUICC Engine Block Reference Manual with Protocol Interworking (QEIWRM). Provides detailed information
regarding the QUICC Engine technology including functional description, registers, and programming information.
•
SC3850 DSP Core Reference Manual. Covers the SC3850 core architecture, control registers, clock registers, program
control, and instruction set.
•
MSC8156SC3850 DSP Core Subsystem Reference Manual. Covers core subsystem architecture, functionality, and
registers.
7
Revision History
Table 50 provides a revision history for this data sheet.
Table 50. Document Revision History
Rev.
Date
Description
0
Jun. 2010
• Initial public release.
1
Dec 2010
• Updated Table 16.
• Updated Section 3.1.2, Power-On Ramp Time.
2Mar 2011
• Updated Table 8.
• Updated Table 15.
• Updated Table 17.
• Updated Table 33.
• Updated Table 35.
• Updated Table 39.
3
May 2011
• Updated Table 1. Changed the pin types for the following:
– F25 from ground to power.
– F26 from power to ground.
– T6 from power to O.
4Oct 2011
• Updated Table 34 and Table 35 to reflect 1 Gbps and 100 Mbps data rate instead of 1 GHz and 100 MHz.
5
Dec 2011
• Added note 4 to Table 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com