| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSC8152 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8152 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 68 page ![]() MSC8152 Dual-Core Digital Signal Processor Data Sheet, Rev. 5 Freescale Semiconductor 5 1.2 Signal List By Ball Location Table 1 presents the signal list sorted by ball number. When designing a board, make sure that the power rail for each signal is appropriately considered. The specified power rail must be tied to the voltage level specified in this document if any of the related signal functions are used (active) Note: The information in Table 1 and Table 2 distinguishes among three concepts. First, the power pins are the balls of the device package used to supply specific power levels for different device subsystems (as opposed to signals). Second, the power rails are the electrical lines on the board that transfer power from the voltage regulators to the device. They are indicated here as the reference power rails for signal lines; therefore, the actual power inputs are listed as N/A with regard to the power rails. Third, symbols used in these tables are the names for the voltage levels (absolute, recommended, and so on) and not the power supplies themselves. Table 1. Signal List by Ball Number Ball Number Signal Name1,2 Pin Type10 Power Rail Name A2 M2DQS3 I/O GVDD2 A3 M2DQS3 I/O GVDD2 A4 M2ECC0 I/O GVDD2 A5 M2DQS8 I/O GVDD2 A6 M2DQS8 I/O GVDD2 A7 M2A5 OGVDD2 A8 M2CK1 OGVDD2 A9 M2CK1 OGVDD2 A10 M2CS0 OGVDD2 A11 M2BA0 OGVDD2 A12 M2CAS OGVDD2 A13 M2DQ34 I/O GVDD2 A14 M2DQS4 I/O GVDD2 A15 M2DQS4 I/O GVDD2 A16 M2DQ50 I/O GVDD2 A17 M2DQS6 I/O GVDD2 A18 M2DQS6 I/O GVDD2 A19 M2DQ48 I/O GVDD2 A20 M2DQ49 I/O GVDD2 A21 VSS Ground N/A A22 Reserved NC — A23 SXPVDD1 Power N/A A24 SXPVSS1 Ground N/A A25 Reserved NC — A26 Reserved NC — A27 SXCVDD1 Power N/A A28 SXCVSS1 Ground N/A B1 M2DQ24 I/O GVDD2 B2 GVDD2 Power N/A B3 M2DQ25 I/O GVDD2 B4 VSS Ground N/A B5 GVDD2 Power N/A B6 M2ECC1 I/O GVDD2 B7 VSS Ground N/A B8 GVDD2 Power N/A |