| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 292 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 292 Page - Microchip Technology |
|
292 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 292 2010-2011 Microchip Technology Inc. REGISTER 23-1: CRCCON1: CRC CONTROL 1 REGISTER R/W-0 U-0 R/W-0 R-0, HSC R-0, HSC R-0, HSC R-0, HSC R-0, HSC CRCEN — CSIDL VWORD4 VWORD3 VWORD2 VWORD1 VWORD0 bit 15 bit 8 R-0, HSC R-1, HSC R/W-0 R/W-0, HC R/W-0 U-0 U-0 U-0 CRCFUL CRCMPT CRCISEL CRCGO LENDIAN — — — bit 7 bit 0 Legend: HC = Hardware Clearable bit HSC = Hardware Settable/Clearable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 CRCEN: CRC Enable bit 1 = Enables module 0 = Disables module; all state machines, pointers and CRCWDAT/CRCDATH registers reset; other SFRs are NOT reset bit 14 Unimplemented: Read as ‘0’ bit 13 CSIDL: CRC Stop in Idle Mode bit 1 = Discontinue module operation when device enters Idle mode 0 = Continue module operation in Idle mode bit 12-8 VWORD<4:0>: Pointer Value bits Indicates the number of valid words in the FIFO. Has a maximum value of 8 when PLEN<4:0> 7 or 16 when PLEN<4:0> 7. bit 7 CRCFUL: FIFO Full bit 1 = FIFO is full 0 = FIFO is not full bit 6 CRCMPT: FIFO Empty bit 1 = FIFO is empty 0 = FIFO is not empty bit 5 CRCISEL: CRC Interrupt Selection bit 1 = Interrupt on FIFO is empty; the final word of data is still shifting through the CRC 0 = Interrupt on shift is complete and results are ready bit 4 CRCGO: Start CRC bit 1 = Start CRC serial shifter 0 = CRC serial shifter is turned off bit 3 LENDIAN: Data Shift Direction Select bit 1 = Data word is shifted into the CRC, starting with the LSb (little endian) 0 = Data word is shifted into the CRC, starting with the MSb (big endian) bit 2-0 Unimplemented: Read as ‘0’ |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |