công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 290 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 290 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 286Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 287Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 288Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 289Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 290Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 291Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 292Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 293Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 290
 2010-2011 Microchip Technology Inc.
23.1
User Interface
23.1.1
POLYNOMIAL INTERFACE
The CRC module can be programmed for CRC
polynomials of up to the 32nd order, using up to 32 bits.
Polynomial length, which reflects the highest exponent
in the equation, is selected by the PLEN<4:0> bits
(CRCCON2<4:0>).
The CRCXORL and CRCXORH registers control which
exponent terms are included in the equation. Setting a
particular bit includes that exponent term in the equa-
tion. Functionally, this includes an XOR operation on
the corresponding bit in the CRC engine. Clearing the
bit disables the XOR.
For example, consider two CRC polynomials, one a
16-bit and the other a 32-bit equation.
EQUATION 23-1:
16-BIT, 32-BIT CRC
POLYNOMIALS
To program these polynomial into the CRC generator,
set the register bits, as shown in Table 23-1.
Note that the appropriate positions are set to ‘1’ to indi-
cate that they are used in the equation (for example,
X26 and X23). The ‘0’ bit required by the equation is
always XORed; thus, X0 is a don’t care. For a poly-
nomial of length 32, it is assumed that the 32nd bit will
be used. Therefore, the X<31:1> bits do not have the
32nd bit.
23.1.2
DATA INTERFACE
The module incorporates a FIFO that works with a
variable data width. Input data width can be configured
to any value between 1 and 32 bits using the
DWIDTH<4:0> bits (CRCCON2<12:8>). When the
data width is greater than 15, the FIFO is 4 words deep.
When the DWITDH bits are between 15 and 8, the
FIFO is 8 words deep. When the DWIDTH bits are less
than 8, the FIFO is 16 words deep.
The data for which the CRC is to be calculated must
first be written into the FIFO. Even if the data width is
less than 8, the smallest data element that can be writ-
ten into the FIFO is 1 byte. For example, if the DWIDTH
bits
are
5,
then
the
size
of
the
data
is
DWIDTH<4:0> + 1 or 6. The data is written as a whole
byte; the two unused upper bits are ignored by the
module.
Once data is written into the MSb of the CRCDAT reg-
isters (that is, the MSb as defined by the data width),
the value of the VWORD<4:0> bits (CRCCON1<12:8>)
increments by one. For example, if the DWIDTH bits
are 24, the VWORD bits will increment when bit 7 of
CRCDATH is written. Therefore, CRCDATL must
always be written to before CRCDATH.
The CRC engine starts shifting data when the CRCGO
bit is set and the value of the VWORD bits is greater
than zero.
Each word is copied out of the FIFO into a buffer regis-
ter, which decrements the VWORD bits. The data is
then shifted out of the buffer. The CRC engine contin-
ues shifting at a rate of two bits per instruction cycle,
until the VWORD bits reach zero. This means that for a
given data width, it takes half that number of instruc-
tions for each word to complete the calculation. For
example, it takes 16 cycles to calculate the CRC for a
single word of 32-bit data.
When the VWORD bits reach the maximum value for
the configured value of the DWIDTH bits (4, 8 or 16),
the CRCFUL bit becomes set. When the VWORD bits
reach zero, the CRCMPT bit becomes set. The FIFO is
emptied and the VWORD<4:0> bits are set to ‘00000’
whenever CRCEN is ‘0’.
At least one instruction cycle must pass after a write to
CRCWDAT before a read of the VWORD bits is done.
and
X32+X26 + X23 + X22 + X16 + X12 + X11 + X10 +
X8 + X7 + X5 + X4 + X2 + X + 1
X16 + X12 + X5 + 1
TABLE 23-1:
CRC SETUP EXAMPLES FOR 16 AND 32-BIT POLYNOMIALS
CRC Control Bits
Bit Values
16-Bit Polynomial
32-Bit Polynomial
PLEN<4:0>
01111
11111
X<31:16>
0000 0000 0000 0001
0000 0100 1100 0001
X<15:0>
0001 0000 0010 000X
0001 1101 1011 011x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com