| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
41594B bảng dữ liệu(PDF) 305 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B bảng dữ liệu(HTML) 305 Page - Microchip Technology |
|
305 / 372 page ![]() 2011-2012 Microchip Technology Inc. Preliminary DS41594B-page 305 PIC12LF1840T48A For additional interface recommendations, refer to your specific device programmer manual prior to PCB design. It is recommended that isolation devices be used to separate the programming pins from other circuitry. The type of isolation is highly dependent on the specific application and may include devices such as resistors, diodes, or even jumpers. See Figure 29-4 for more information. FIGURE 29-4: TYPICAL CONNECTION FOR ICSP™ PROGRAMMING VDD VPP VSS External Device to be Data Clock VDD MCLR/VPP VSS ICSPDAT ICSPCLK * * * To Normal Connections * Isolation devices (as required). Programming Signals Programmed VDD |