| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
41594B bảng dữ liệu(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
41594B bảng dữ liệu(HTML) 4 Page - Microchip Technology |
|
4 / 372 page ![]() PIC12LF1840T48A DS41594B-page 4 Preliminary 2011-2012 Microchip Technology Inc. Peripheral Features: (Continued) • Enhanced CCP (ECCP) module: - Software selectable time bases - Auto-shutdown and auto-restart -PWM steering • Master Synchronous Serial Port (MSSP) with SPI and I2CTM with: - 7-bit address masking - SMBus/PMBusTM compatibility • Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) module: - RS-232, RS-485 and LIN compatible - Auto-Baud Detect • Capacitive Sensing (CPS) module (mTouchTM): - 4 input channels • Data Signal Modulator module: - Selectable modulator and carrier sources •SR Latch: - Multiple Set/Reset input options - Emulates 555 Timer applications PIC12LF1840T48A Family Types Program Memory Data Memory PIC12LF1840T48A 4K 256 256 6 4 4 1 2/1 1 1 — 1 Yes Yes Note 1: One pin is input only. |