công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAM3X bảng dữ liệu(PDF) 50 Page - ATMEL Corporation

tên linh kiện SAM3X
Giải thích chi tiết về linh kiện  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X bảng dữ liệu(HTML) 50 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 46Page - ATMEL Corporation SAM3X Datasheet HTML 47Page - ATMEL Corporation SAM3X Datasheet HTML 48Page - ATMEL Corporation SAM3X Datasheet HTML 49Page - ATMEL Corporation SAM3X Datasheet HTML 50Page - ATMEL Corporation SAM3X Datasheet HTML 51Page - ATMEL Corporation SAM3X Datasheet HTML 52Page - ATMEL Corporation SAM3X Datasheet HTML 53Page - ATMEL Corporation SAM3X Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
52
11057BS–ATARM–13-Jul-12
SAM3X/A
52
11057BS–ATARM–13-Jul-12
SAM3X/A
11.2
Peripheral Signal Multiplexing on I/O Lines
The SAM3X/A series product features 3 PIO (SAM3A and 100-pin SAM3X) or 4 PIO (144-pin
SAM3X) controllers, PIOA, PIOB, PIOC, PIOD, PIOE and PIOF, which multiplexes the I/O lines
of the peripheral set.
Each PIO Controller controls up to 32 lines. Each line can be assigned to one of two peripheral
functions, A or B. The multiplexing tables in the following paragraphs define how the I/O lines of
the peripherals A and B are multiplexed on the PIO Controllers. The column “Comments” has
been inserted in this table for the user’s own comments; it may be used to track how pins are
defined in an application.
Note that some peripheral function, which are output only, might be duplicated within both
tables.
30
TC3
X
X
Timer Counter 3
31
TC4
X
X
Timer Counter 4
32
TC5
X
X
Timer Counter 5
33
TC6
X
X
Timer Counter 6
34
TC7
X
X
Timer Counter 7
35
TC8
X
X
Timer Counter 8
36
PWM
X
X
Pulse Width Modulation Controller
37
ADC
X
X
ADC Controller
38
DACC
X
X
DAC Controller
39
DMAC
X
X
DMA Controller
40
UOTGHS
X
X
USB OTG High Speed
41
TRNG
X
X
True Random Number Generator
42
EMAC
X
X
Ethernet MAC
43
CAN0
X
X
CAN Controller 0
44
CAN1
X
X
CAN Controller 1
Table 11-1.
Peripheral Identifiers (Continued)
Instance ID
Instance Name
NVIC Interrupt
PMC Clock Control
Instance Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71