| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM3X bảng dữ liệu(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM3X bảng dữ liệu(HTML) 49 Page - ATMEL Corporation |
|
49 / 71 page ![]() 51 11057BS–ATARM–13-Jul-12 SAM3X/A 51 11057BS–ATARM–13-Jul-12 SAM3X/A 11. Peripherals 11.1 Peripheral Identifiers Table 11-1 defines the Peripheral Identifiers of the SAM3X/A series. A peripheral identifier is required for the control of the peripheral interrupt with the Nested Vectored Interrupt Controller and for the control of the peripheral clock with the Power Management Controller. Note that some Peripherals are always clocked. Please refer to the table below. Table 11-1. Peripheral Identifiers Instance ID Instance Name NVIC Interrupt PMC Clock Control Instance Description 0SUPC X Supply Controller 1RSTC X Reset Controller 2RTC X Real Time Clock 3RTT X Real Time Timer 4WDG X Watchdog Timer 5PMC X Power Management Controller 6 EEFC0 X Enhanced Flash Controller 0 7 EEFC1 X Enhanced Flash Controller 1 8UART X Universal Asynchronous Receiver Transceiver 9SMC X X Static Memory Controller 10 Reserved 11 PIOA X X Parallel I/O Controller A, 12 PIOB X X Parallel I/O Controller B 13 PIOC X X Parallel I/O Controller C 14 PIOD X X Parallel I/O Controller D 15 PIOE X X Parallel I/O Controller E 16 PIOF X X Parallel I/O Controller F 17 USART0 X X USART 0 18 USART1 X X USART 1 19 USART2 X X USART 2 20 USART3 X X USART 3 21 HSMCI X X Multimedia Card Interface 22 TWI0 X X Two-Wire Interface 0 23 TWI1 X X Two-Wire Interface 1 24 SPI0 X X Serial Peripheral Interface 25 SPI1 X X Serial Peripheral Interface 26 SSC X X Synchronous Serial Controller 27 TC0 X X Timer Counter 0 28 TC1 X X Timer Counter 1 29 TC2 X X Timer Counter 2 |