| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM3X bảng dữ liệu(PDF) 31 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM3X bảng dữ liệu(HTML) 31 Page - ATMEL Corporation |
|
31 / 71 page ![]() 33 11057BS–ATARM–13-Jul-12 SAM3X/A 33 11057BS–ATARM–13-Jul-12 SAM3X/A 7.4 Matrix Slaves The Bus Matrix of the SAM3X/A series product manages 9 slaves. Each slave has its own arbi- ter, allowing a different arbitration per slave. 7.5 Master to Slave Access All the Masters can normally access all the Slaves. However, some paths do not make sense, for example allowing access from the USB High Speed DMA to the Internal Peripherals. Thus, these paths are forbidden or simply not wired, and shown as “-” in the following table. Table 7-2. List of Bus Matrix Slaves Slave 0 Internal SRAM0 Slave 1 Internal SRAM1 Slave 2 Internal ROM Slave 3 Internal Flash Slave 4 USB High Speed Dual Port RAM (DPR) Slave 5 NAND Flash Controller RAM Slave 6 External Bus Interface Slave 7 Low Speed Peripheral Bridge Slave 8 High Speed Peripheral Bridge Table 7-3. SAM3X/A Series Master to Slave Access Masters 0 1 2 3 4 5 Slaves Cortex-M3 I/D Bus Cortex-M3 S Bus PDC USB High Speed DMA DMA Controller EMAC DMA 0 Internal SRAM0 - X X X X X 1 Internal SRAM1 - X X X X X 2 Internal ROM X - X X X X 3 Internal Flash X - - - - - 4 USB High Speed Dual Port RAM - X - - X - 5 Nand Flash Controller RAM - X X X X X 6 External Bus Interface - X X X X X 7 Low Speed Peripheral Bridge - X X - X - 8 High Speed Peripheral Bridge - X - - X - |