| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM3X bảng dữ liệu(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM3X bảng dữ liệu(HTML) 8 Page - ATMEL Corporation |
|
8 / 71 page ![]() 10 11057BS–ATARM–13-Jul-12 SAM3X/A 10 11057BS–ATARM–13-Jul-12 SAM3X/A ICE and JTAG TCK/SWCLK Test Clock/Serial Wire Clock Input VDDIO Reset State: - SWJ-DP Mode - Internal pull-up disabled (1) TDI Test Data In Input TDO/TRACESWO Test Data Out / Trace Asynchronous Data Out Output TMS/SWDIO Test Mode Select /Serial Wire Input/Output Input / I/O JTAGSEL JTAG Selection Input High VDDBU Permanent Internal pull-down Flash Memory ERASE Flash and NVM Configuration Bits Erase Command Input High VDDIO Pull-down resistor Reset/Test NRST Microcontroller Reset I/O Low VDDIO Pull-up resistor NRSTB Asynchronous Microcontroller Reset Input Low VDDBU Pull-up resistor TST Test Mode Select Input VDDBU Pull-down resistor Universal Asynchronous Receiver Transceiver - UART URXD UART Receive Data Input UTXD UART Transmit Data Output Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Voltage Reference Comments |