công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8352GEB/V bảng dữ liệu(PDF) 99 Page - Wolfson Microelectronics plc

tên linh kiện WM8352GEB/V
Giải thích chi tiết về linh kiện  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V bảng dữ liệu(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
99
13.12 ADDITIONAL CODEC FUNCTIONS
13.12.1 HEADPHONE JACK DETECT
The IN2L and IN2R pins can be selected as headphone jack detect inputs, to enable automatic
control of the analogue outputs when a headphone is plugged into a jack socket.
Jack Detection on the IN2L or IN2R pins is enabled by register bits JDL_ENA or JDR_ENA
respectively. When Jack Detection is enabled, the associated second level interrupts
CODEC_JCK_DET_L_EINT and CODEC_JCK_DET_R_EINT indicate the status of the jack socket.
See Section 13.12.7 for further details.
The Headphone Jack Detect function requires the internal slow clock to be enabled - see
Section 12.3.6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R77 (4Dh)
Jack Detect
15
JDL_ENA
0
Jack Detect Enable for inputs connected
to IN2L
0 = disabled
1 = enabled
14
JDR_ENA
0
Jack Detect Enable for input connected
to IN2R
0 = disabled
1 = enabled
Table 48 Headphone Jack Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com