công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8352GEB/V bảng dữ liệu(PDF) 44 Page - Wolfson Microelectronics plc

tên linh kiện WM8352GEB/V
Giải thích chi tiết về linh kiện  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V bảng dữ liệu(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
44
11.6 REGISTER LOCKING
Certain control fields are protected against accidental overwriting. This includes:
Watchdog timer and system control settings in Registers R3, R4, R6 and R12 (03h, 04h,
06h and 0Ch).
Battery charger control fields in Registers R168, R169 and R170 (A8h, A9h and AAh).
By default, these registers are locked, i.e. writing to them has no effect. However, they can be
unlocked by writing a value of 0013h to Register R219.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R219 (DBh)
Security
15:
0
SECURITY
[15:0]
0000h
The value 0013h needs to be set in this
register to allow write access to the
security locked registers.
Table 4 Locking and Unlocking Protected Registers
It is recommended to re-lock the protected registers immediately after writing to them. This helps
protect the system against accidental overwriting of register values.
It is recommended to contact Wolfson Applications support for guidance on features that are affected
by Register Locking.
11.7 SPECIAL REGISTERS
11.7.1
CHIP ID
A read instruction from register R0 can be used to confirm that the chip is a WM8352.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Reset/ID
15:0
SW_RESET/C
HIP_ID [15:0]
6143h
Reading this register returns 6143h.
Table 5 Chip ID
11.7.2
DEVICE INFORMATION
The read-only register R1 provides additional information about the WM8352 device.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
ID
15:1
2
CHIP_REV
[3:0]
The functional silicon revision - this tracks
changes in functionality which are
separate from ROM mask settings
11:1
0
CONF_STS
[1:0]
The state of the configuration pins. This
selects what register defaults should be.
7:0
CUST_ID [7:0]
The Chip Revision Number
R2 (02h)
Revision
7:0
MASK_REV
[7:0]
The ROM mask ID
Table 6 Reading Device Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com