công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8352GEB/V bảng dữ liệu(PDF) 69 Page - Wolfson Microelectronics plc

tên linh kiện WM8352GEB/V
Giải thích chi tiết về linh kiện  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/V bảng dữ liệu(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8352GEB/V Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
69
13.4.7
INPUT MIXERS
The WM8352 has mixers in the input signal paths. This allows each ADC to record either a single
input signal or a mix of several signals, as desired. The gain for the different input signals can also
be adjusted. Each input mixer has four inputs:
•
the output of the respective (left/right) microphone pre-amplifier
•
the IN2L and IN2R pins (used as a line input, bypassing the microphone pre-amplifiers)
•
the output of the respective (left/right) auxiliary input buffer (ie. inputs IN3L or IN3R)
•
the output of the OUT4 amplifier (only one input mixer at a time can take this signal)
Left ADC input
Output from
IN3L amplifier
Output from
left microphone
pre-amplifier
IN2L
IN3L_MIXINL_VOL, R98[11:9]
IN2L_MIXINL_VOL, R98[3:1]
INL_MIXINL_VOL, R98[0]
-12dB to + 6dB,
and mute
-12dB to + 6dB
and mute
0dB or +20dB
Output from
OUT4 mixer
OUT4_MIXIN_VOL, R100[3:1]
-12dB to + 6dB
and mute
Output from
right microphone
pre-amplifier
INR2
INR2_MIXINR_VOL, R99[7:5]
INR_MIXINR_VOL, R99[0]
0dB or +20dB
-12dB to + 6dB
and mute
Output from
IN3R amplifier
IN3R_MIXINR_VOL, R99[15:13]
-12dB to + 6dB,
and mute
OUT4_MIXIN_DST,
R100[15]
-1
-1
OUT3 mixer
Right ADC input
OUT4 mixer
Figure 39 Input Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com