| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8940CGEFL/V bảng dữ liệu(PDF) 19 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8940CGEFL/V bảng dữ liệu(HTML) 19 Page - Wolfson Microelectronics plc |
|
19 / 91 page ![]() Production Data WM8940 w PD, Rev 4.3, November 2011 19 Figure 6 Microphone Input PGA Circuit (switch positions shown are for differential mic input) REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R44 Input Control 2 AUX2INPPGA 0 Select AUX amplifier output as input PGA signal source. 0=AUX not connected to input PGA 1=AUX connected to input PGA amplifier negative terminal. 1 MICN2INPPGA 1 Connect MICN to input PGA negative terminal. 0=MICN not connected to input PGA 1=MICN connected to input PGA amplifier negative terminal. 0 MICP2INPPGA 0 Connect input PGA amplifier positive terminal to MICP or VMID. 0 = input PGA amplifier positive terminal connected to VMID 1 = input PGA amplifier positive terminal connected to MICP through variable resistor string Table 2 Input Control The input PGA is enabled by the IPPGAEN register bit. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R2 Power Management 2 2 INPPGAEN 0 Input microphone PGA enable 0 = disabled 1 = enabled Table 3 Input PGA Enable Control |