| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F276E bảng dữ liệu(PDF) 177 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276E bảng dữ liệu(HTML) 177 Page - STMicroelectronics |
|
177 / 235 page ![]() ST10F276E Register set Doc ID 12303 Rev 3 177/235 Note: The bit meaning is exactly the same as in XPERCON. 22.13 Emulation dedicated registers Four additional registers are implemented for emulation purposes only. Similarly to XPEREMU, they are write-only registers. XPEREMU (EB7Eh) XBUS Reset value xxxxh: 15 14 13 12 11 10 98 765 43 210 -- --- XMISC EN XI2C EN XSSC EN XASC EN XPWM EN XFLAS HEN XRTC EN XRAM2 EN XRAM1 EN CAN2 EN CAN1 EN - - - - - RW RW RW RW RW RW RW RW RW RW RW XEMU0 (EB76h) XBUS Reset value: xxxxh 15 14 13 12 11 10 98 765 43 210 XEMU0(15:0) W XEMU1 (EB78h) XBUS Reset value: xxxxh 15 14 13 12 11 10 98 765 43 210 XEMU1(15:0) W XEMU2 (EB7Ah) XBUS Reset value: xxxxh: 15 14 13 12 11 10 98 765 43 210 XEMU2(15:0) W XEMU3 (EB7Ch) XBUS Reset value: xxxxh 15 14 13 12 11 10 98 765 43 210 XEMU3(15:0) W |