| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F276E bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F276E bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 235 page ![]() ST10F276E Interrupt system Doc ID 12303 Rev 3 79/235 CAPCOM Register 6 CC6IR CC6IE CC6INT 00’0058h 16h CAPCOM Register 7 CC7IR CC7IE CC7INT 00’005Ch 17h CAPCOM Register 8 CC8IR CC8IE CC8INT 00’0060h 18h CAPCOM Register 9 CC9IR CC9IE CC9INT 00’0064h 19h CAPCOM Register 10 CC10IR CC10IE CC10INT 00’0068h 1Ah CAPCOM Register 11 CC11IR CC11IE CC11INT 00’006Ch 1Bh CAPCOM Register 12 CC12IR CC12IE CC12INT 00’0070h 1Ch CAPCOM Register 13 CC13IR CC13IE CC13INT 00’0074h 1Dh CAPCOM Register 14 CC14IR CC14IE CC14INT 00’0078h 1Eh CAPCOM Register 15 CC15IR CC15IE CC15INT 00’007Ch 1Fh CAPCOM Register 16 CC16IR CC16IE CC16INT 00’00C0h 30h CAPCOM Register 17 CC17IR CC17IE CC17INT 00’00C4h 31h CAPCOM Register 18 CC18IR CC18IE CC18INT 00’00C8h 32h CAPCOM Register 19 CC19IR CC19IE CC19INT 00’00CCh 33h CAPCOM Register 20 CC20IR CC20IE CC20INT 00’00D0h 34h CAPCOM Register 21 CC21IR CC21IE CC21INT 00’00D4h 35h CAPCOM Register 22 CC22IR CC22IE CC22INT 00’00D8h 36h CAPCOM Register 23 CC23IR CC23IE CC23INT 00’00DCh 37h CAPCOM Register 24 CC24IR CC24IE CC24INT 00’00E0h 38h CAPCOM Register 25 CC25IR CC25IE CC25INT 00’00E4h 39h CAPCOM Register 26 CC26IR CC26IE CC26INT 00’00E8h 3Ah CAPCOM Register 27 CC27IR CC27IE CC27INT 00’00ECh 3Bh CAPCOM Register 28 CC28IR CC28IE CC28INT 00’00F0h 3Ch CAPCOM Register 29 CC29IR CC29IE CC29INT 00’0110h 44h CAPCOM Register 30 CC30IR CC30IE CC30INT 00’0114h 45h CAPCOM Register 31 CC31IR CC31IE CC31INT 00’0118h 46h CAPCOM Timer 0 T0IR T0IE T0INT 00’0080h 20h CAPCOM Timer 1 T1IR T1IE T1INT 00’0084h 21h CAPCOM Timer 7 T7IR T7IE T7INT 00’00F4h 3Dh CAPCOM Timer 8 T8IR T8IE T8INT 00’00F8h 3Eh GPT1 Timer 2 T2IR T2IE T2INT 00’0088h 22h GPT1 Timer 3 T3IR T3IE T3INT 00’008Ch 23h GPT1 Timer 4 T4IR T4IE T4INT 00’0090h 24h GPT2 Timer 5 T5IR T5IE T5INT 00’0094h 25h Table 40. Interrupt sources (continued) Source of interrupt or PEC service request Request flag Enable flag Interrupt vector Vector location Trap number |