công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST10F276E bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện ST10F276E
Giải thích chi tiết về linh kiện  16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276E bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button ST10F276E Datasheet HTML 53Page - STMicroelectronics ST10F276E Datasheet HTML 54Page - STMicroelectronics ST10F276E Datasheet HTML 55Page - STMicroelectronics ST10F276E Datasheet HTML 56Page - STMicroelectronics ST10F276E Datasheet HTML 57Page - STMicroelectronics ST10F276E Datasheet HTML 58Page - STMicroelectronics ST10F276E Datasheet HTML 59Page - STMicroelectronics ST10F276E Datasheet HTML 60Page - STMicroelectronics ST10F276E Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 235 page
background image
ST10F276E
Bootstrap loader
Doc ID 12303 Rev 3
57/235
This process may go through several iterations or may directly execute the final application.
In all cases the ST10F276E still runs in BSL mode, that is, with the watchdog timer disabled
and limited access to the internal Flash area. All code fetches from the internal IFLASH area
(01’0000H...08’FFFFH) are redirected to the special Test-Flash. Data read operations
access the internal Flash of the ST10F276E.
5.3.5
Choosing the baud rate for the BSL via UART
The calculation of the serial baud rate for ASC0 from the length of the first zero byte that is
received allows the operation of the bootstrap loader of the ST10F276E with a wide range of
baud rates. However, the upper and lower limits must be kept to ensure proper data transfer.
Equation 1
The ST10F276E uses timer T6 to measure the length of the initial zero byte. The
quantization uncertainty of this measurement implies the first deviation from the real baud
rate; the next deviation is implied by the computation of the S0BRL reload value from the
timer contents. The formula below shows the association:
Equation 2
For a correct data transfer from the host to the ST10F276E, the maximum deviation
between the internal initialized baud rate for ASC0 and the real baud rate of the host should
be below 2.5%. The deviation (FB, in percent) between host baud rate and ST10F276E
baud rate can be calculated using the formula below:
Equation 3
Note:
Function (FB) does not consider the tolerances of oscillators and other devices supporting
the serial communication.
This baud rate deviation is a nonlinear function depending on the CPU clock and the baud
rate of the host. The maxima of the function (FB) increases with the host baud rate due to
the smaller baud rate prescaler factors and the implied higher quantization error (see
Figure 10).
f
CPU
32
S0BRL
1
+
()
⋅
-------------------------------------------
BST10F276E =
S0BRL
T6
36
–
72
--------------------
=
T6
9
4
--
f
CPU
B
Host
---------------
⋅
=
,
F
B
B
Contr
B
Host
–
B
Contr
----------------------------------------
100
⋅
=
%
F
B
2.5
≤
,
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com