| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3003 bảng dữ liệu(PDF) 115 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 bảng dữ liệu(HTML) 115 Page - Sony Corporation |
|
115 / 137 page ![]() – 115 – CXD3003R SD6 1 0 0 1 0 Data RAM data for address = SD4 to SD0 Coefficient RAM data for address = SD5 to SD0 SD4 1 0 SD3 to SD0 1 1 1 1 1 1 1 0 1 1 0 1 1 1 0 0 0 0 1 1 0 0 1 0 0 0 0 1 1 1 ∗ ∗ 1 0 ∗ ∗ 0 1 ∗ ∗ 0 0 1 1 0 0 1 0 0 0 0 1 0 0 0 0 RF AVRG register RFDC input signal FBIAS register TRVSC register RFDC envelope (bottom) RFDC envelope (peak) RFDC envelope (peak) – (bottom) VC AVRG register FE AVRG register TE AVRG register FE input signal TE input signal SE input signal VC input signal 8 bit 8 bit 9 bit 9 bit 8 bit 8 bit 8 bit 9 bit 9 bit 9 bit 8 bit 8 bit 8 bit 8 bit $399F $399E $399D $399C $3993 $3992 $3991 $398C $3988 $3984 $3983 $3982 $3981 $3980 8 bit 16 bit SD5 Readout data Readout data length Note) Coefficients K40 to K4F cannot be read out. ∗: Don't care See the description for SRO1 and SRO0 of $3F concerning readout methods for the above data. D15 D14 D13 D12 D11 D10 D9 D8 DAC SD6 SD5 SD4 SD3 SD2 SD1 SD0 DAC: Serial data readout DAC mode (on/off) SD6 to SD0: Serial readout data select $39 |