| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CXD3003 bảng dữ liệu(PDF) 50 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
CXD3003 bảng dữ liệu(HTML) 50 Page - Sony Corporation |
|
50 / 137 page ![]() – 50 – CXD3003R The rotational velocity R of the spindle can be expressed with the following equation. R = × l R: Relative velocity at normal speed = 1 n: VP0 to 7 setting value l: Multiple by VPCTL0, 1 256 – n 32 ∗ The above setting should be 0, 0 except for the CAV-W operating mode. Command bit VPCTL1 VPCTL0 Processing The setting of VP0 to 7 is multiplied by 1. The setting of VP0 to 7 is multiplied by 2. The setting of VP0 to 7 is multiplied by 3. The setting of VP0 to 7 is multiplied by 4. 0 0 1 1 0 1 0 1 Command Data 2 CLV CTRL VP7 VP6 VP5 VP4 D19 D18 D17 D16 Data 3 VP3 VP2 VP1 VP0 D15 D14 D13 D12 Data 4 VP CTL1 VP CTL0 0 0 D11 D10 D9 D8 Command bit Processing VP0 to 7 The spindle rotational velocity is set. |