công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD1039F bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện TPD1039F
Giải thích chi tiết về linh kiện  Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1039F bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  TPD1039F Datasheet HTML 1Page - Toshiba Semiconductor TPD1039F Datasheet HTML 2Page - Toshiba Semiconductor TPD1039F Datasheet HTML 3Page - Toshiba Semiconductor TPD1039F Datasheet HTML 4Page - Toshiba Semiconductor TPD1039F Datasheet HTML 5Page - Toshiba Semiconductor TPD1039F Datasheet HTML 6Page - Toshiba Semiconductor TPD1039F Datasheet HTML 7Page - Toshiba Semiconductor TPD1039F Datasheet HTML 8Page - Toshiba Semiconductor TPD1039F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPD1039F
2008-03-18
3
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS (DC)
45
V
Drain current
ID (DC)
1.5
A
Input voltage
VIN
−0.5 to 6
V
Power dissipation (Note 2-a)
PD(1)
1.1
W
Power dissipation (Note 2-b)
PD(2)
0.425
W
Single pulse active clamp capability
(Note 3)
EAS
20
mJ
Active clamp current
IAR
1.5
A
Repetitive active clamp capability
(Note 2-a) (Note 4)
EAR
0.11
mJ
Operating temperature
Topr
−40 to 85
°C
Channel temperature
Tch
150 (Note 5)
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
113.5 (Note 2-a)
Thermal resistance, channel to ambient
Rth(ch-a)
294.0 (Note 2-b)
°C /W
Note 2:
2-a: glass epoxy board (a)
2-b: glass epoxy board (b
)
Note 3: Active clamp capability (single pulse) test condition
VDD = 25 V, Tch = 25°C (initial), L = 10 mH, IAR = 1.5 A, RG = 25Ω
Note 4: Repetitive rating: Pulse width limited by maximum channel temperature
Note 5: Overtemperature protection is tripped at a channel temperature of 125°C.
Ensure that the channel temperature, Tch, does not exceed 125°C under the worst-case conditions.
FR-4
25.4×25.4×0.8
(unit: mm)
FR-4
25.4×25.4×0.8
(unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com