công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD1039F bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện TPD1039F
Giải thích chi tiết về linh kiện  Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1039F bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  TPD1039F Datasheet HTML 1Page - Toshiba Semiconductor TPD1039F Datasheet HTML 2Page - Toshiba Semiconductor TPD1039F Datasheet HTML 3Page - Toshiba Semiconductor TPD1039F Datasheet HTML 4Page - Toshiba Semiconductor TPD1039F Datasheet HTML 5Page - Toshiba Semiconductor TPD1039F Datasheet HTML 6Page - Toshiba Semiconductor TPD1039F Datasheet HTML 7Page - Toshiba Semiconductor TPD1039F Datasheet HTML 8Page - Toshiba Semiconductor TPD1039F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPD1039F
2008-03-18
1
Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD1039F
Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
The TPD1039F is a monolithic power IC intended for low-side
load switching applications. The output has a vertical MOSFET,
and the input can be directly driven from CMOS or TTL logic
(e.g., an MPU). The TPD1039F provides intelligent protection
functions.
Features
• A structure that incorporates control circuitry and a vertical
power MOSFET on a single chip.
• Can be directly driven from a microprocessor, a CMOS logic
IC, etc.
• Overvoltage, overtemperature and overcurrent protections
• Low ON-resistance: RDS (ON) = 0.25Ω(max) (@VIN = 5 V, ID = 1 A, Tch = 25°C)
• Housed in the 8-pin SOP package and supplied in embossed carrier tape.
Pin Assignment (top view)
Marking
Note: This product has a MOS structure and is sensitive to electrostatic discharge.
SOP8-P-1.27A
Weight: 0.08 g (typ.)
DRAIN
DRAIN
DRAIN
IN
1
2
3
4
8
7
6
5
SOURCE
SOURCE
SOURCE
DRAIN
(TOP VIEW)
TP D1 0 3 9
F
Lot No.
(weekly code)
A line indicates
Lead (Pb) -Free Finish
Part No. (or abbreviation code)


Số phần tương tự - TPD1039F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TPD1039S TOSHIBA-TPD1039S Datasheet
212Kb / 9P
Low-Side Switch for Motor, Solenoid and Lamp Drive
More results

Mô tả tương tự - TPD1039F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com