công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS70751MPWPREP bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS70751MPWPREP
Giải thích chi tiết về linh kiện  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 15Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 16Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 17Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 18Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 19Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 20Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 21Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 22Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
www.ti.com
APPLICATION INFORMATION
Sequencing Timing Diagrams
Application Conditions Not Shown in Block Diagram
V
OUT2
V
IN1
V
IN2
EN
SEQ
V
OUT1
V
SENSE1
Pg1
MR2
RESET
MR1
V
SENSE2
V
OUT2
V
I
V
OUT1
MR1
RESET
10 F
m
MR2
EN
>2V
<0.7V
250kW
0.1 F
m
10 F
m
TPS70751PWP
(Fixed-OutputOption)
0.1 F
m
Explanation of Timing Diagram
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
The following figures provide timing diagrams showing how this device functions in different configurations.
VIN1 and VIN2 are tied to the same fixed-input voltage greater than the VUVLO, SEQ is tied to logic low, PG1 is
tied to MR2, and MR1 is left unconnected and is, therefore, at logic high.
EN is initially high; therefore, both regulators are off and PG1 and RESET are at logic low. With SEQ at logic
low, when EN is taken to logic low, VOUT1 turns on. VOUT2 turns on after VOUT1 reaches 83% of its regulated
output voltage. When VOUT1 reaches 95% of its regulated output voltage, PG1 (tied to MR2) goes to logic high.
When both VOUT1 and VOUT2 reach 95% of their respective regulated output voltages and both MR1 and MR2
(tied to PG1) are at logic high, RESET is pulled to logic high after a 120-ms delay. When EN is returned to logic
high, both devices power down and both PG1 (tied to MR2) and RESET return to logic low.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com