công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS70751MPWPREP bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS70751MPWPREP
Giải thích chi tiết về linh kiện  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 14Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 15Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 16Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 17Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 18Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 19Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 20Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 21Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.ti.com
IO − Output Current − mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0.1
0.01
0
50
100
150
200
250
10
1
VO = 3.3 V
CO = 10 µF
TJ = 25°C
REGION OF INSTABILITY
REGION OF INSTABILITY
50 m
Ω
IO − Output Current − mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
0
50
100
150
200
250
REGION OF INSTABILITY
0.1
10
1
250 m
Ω
VO = 3.3 V
CO = 6.8 µF
TJ = 25°C
REGION OF INSTABILITY
IO − Output Current − mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
vs
OUTPUT CURRENT
0.1
0.01
0
25
50
75
100
125
10
1
REGION OF INSTABILITY
50 m
Ω
REGION OF INSTABILITY
VO = 1.8 V
CO = 10 µF
TJ = 25°C
(1) Equivalent series resistance (ESR) refers to the total series
resistance, including the ESR of the capacitor, any series
resistance added externally, and PWB trace resistance to CO.
IO − Output Current − mA
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
vs
OUTPUT CURRENT
0
25
50
75
100
125
REGION OF INSTABILITY
0.1
1
VO = 1.8 V
CO = 6.8 µF
TJ = 25°C
10
REGION OF INSTABILITY
250 m
Ω
(1) Equivalent series resistance (ESR) refers to the total series
resistance, including the ESR of the capacitor, any series
resistance added externally, and PWB trace resistance to CO.
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Figure 29.
Figure 30.
Figure 31.
Figure 32.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com