| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(PDF) 31 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(HTML) 31 Page - YAMAHA CORPORATION |
|
31 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 30 Industrial Ethernet connected to sensors, actuators and encoders by Y-Con RJ45 - M8/M12 converter cables. M8/M12 features: - Male and female versions 90° and 180°, PUR overmolded - 360° shield for advanced shield connection - Metal screw with vibration resistant locking Industrial Ethernet verbunden mit Sensoren, Aktoren und Encodern über Y-Con RJ45 – M8/M12 Verbindungskabel. M8/M12 Merkmale: - Stecker und Buchsen in 90° und 180° Versionen, PUR Umspritzung - 360° Schirmanbindung für optimale Schirmeigenschaften - Metallischer Drehverschluss mit vibrationssicherem Mechanismus Table of available versions for M8 / M12 products Connector Type Cable Mount Panel Mount Male Female 90° 180° Coding Pin Count Shielded M8 O O O 3, 4 O M8 O O O 3, 4 O M8 O O O 3, 4 O M8 O O O 3, 4 O M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O Connector Type Cable Mount Panel Mount Male Female 90° 180° Coding Pin Count Shielded M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O A 3, 4, 5, 8 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O M12 O O O B, D 3, 4, 5 O Max. cable diameter 8.50 / max. wire thickness 0.54mm2 B-Coding (INTERBUS and PROFIBUS) Female D-Coding (4 pin Ethernet) Female A-Coding (IEC 60947-2) Female 1 3 2 4 |