| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(PDF) 17 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(HTML) 17 Page - YAMAHA CORPORATION |
|
17 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 16 Part Number Signal Contacts Power Contacts Orientation Magnetics Light Pipes Y-ConJack-31 8 2 90° Yes Yes Y-ConJack-32 8 2 90° Yes No Y-ConJack-33 8 2 90° No Yes Y-ConJack-34 8 2 90° No No Y-ConJack-35 8 0 90° Yes Yes Y-ConJack-36 8 0 90° Yes No Outline Dimensions PCB Layout Y-ConJack-31 Description: RJ45 jack 90° with magnetics and light pipes. For THR soldering. Also available with power contacts. For different combinations please see table above. Light pipes enable the usage of the same jack even for different LED colours. For use with all Y-Con plugs RJ45-Buchse 90° mit Magnetic-Baustein und Lichtleiter für THR-Verlötung. Auch mit zusätzlichen Kontakten für die Stromversorgung. Verschiedene Kombinationsmöglichkeiten siehe lt. Tabelle. Lichtleiter ermöglicht die Verwendung der identischen Buchse für verschiedenfarbige LEDs. Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Schirmung Contact Contact area 30µ”Au/50µ”Ni Kontakte Solder area 80µ”Sn/50µ”Ni Specifications: Oper. Temp.: -40°C ~ +120°C Betriebstemp. Solder Temp: Reflow max. 260°C / 10sec. Löttemp. Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom Series 3 = 90° See table below Y-ConJack - 3 * Part Number (Details) |