| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(PDF) 25 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(HTML) 25 Page - YAMAHA CORPORATION |
|
25 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 24 Description: 100 Mbit, Cat 5 (Cat 5e), digital signal cable. Silicon and CFC free 100 Mbps, Cat 5 (Cat 5e), Kabel für digitale Signale. Silikon- und FCKW frei Part Number Y-ConCable-1 Part Number Y-ConCable-4 Part Number Y-ConCable-2 Part Number Y-ConCable-7 for ProfiNet Part Number Y-ConCable-3 Part Number Y-ConCable-10 Series See table below Y-ConCable - * Part Number (Details) Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 2 x 2 2 PVC -20°C ~ +80°C 6.9mm No 125mm multiple turns max. 100,000 AWG 24/7 0.22mm2 AWG 22/19 0.38mm2 Green (+0.1) 35mm single turn Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 2 x 2 2 PUR -20°C ~ +80°C 6.8mm Yes 70mm multiple turns max. 1 million AWG 26/7 0.14mm2 AWG 22/7 0.34mm2 Green (+0.2) 35mm single turn Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 4 * 0 PUR -20°C ~ +80°C 6.8mm Yes 102mm multiple turns max. 2.5 million AWG 22/7 0.34mm2 Green (+0.2) Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 2 x 2 0 PVC -20°C ~ +80°C 6.85mm No min. 50mm single turn - AWG 24/7 0.22mm2 Grey (+/-0.15) Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 4 x 2 0 PUR -20°C ~ +70°C 6.8mm Yes 68mm max. 1 million AWG 26/7 0.14mm2 Green (+0.1/-0.3mm) Signal Power Jacket Temp. Cable OD Cable Chain Bending Radius Bending Cycles 4 x 2 2 PUR -20°C ~ +70°C 6.9mm Yes 70mm multiple turns max. 1 million AWG 26/7 0.14mm2 AWG 23/19 0.25mm2 Green (+0.1) Suitable for Y-ConPlug-21 Suitable for Y-ConPlug-11 Suitable for Y-ConPlug-21 Suitable for Y-ConPlug-41 Suitable for Y-ConPlug-51 Suitable for Y-ConPlug-15 |