| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(PDF) 30 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406M-RJ2U-2000-A bảng dữ liệu(HTML) 30 Page - YAMAHA CORPORATION |
|
30 / 42 page ![]() TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 29 Y-ConCoupler-10 Y-ConCoupler-11 Description: IP67 coupler module (w/o electronics) screw mount, guide rails for modular assembly IP67 Kupplungsmodule (ohne Elektronik) mit Schraubhalterung und Führungsschienen für modularen Aufbau Material: PBT, UL94V-0 Specifications: Operating Temp.: -30°C ~ +120°C Betriebstemp. Description: IP67 Ethernet switch*,10BaseT / 100BaseTX, 7 data and 1 power port, unmanaged, Store/Forward, non-blocking, full or half duplex, auto-negotiated data control, screw mounted IP67 Ethernet-Schalter*,10BaseT/100BaseTX, 7 Datenports, 1 Stromversorgungsbuchse, unmanaged, Store / Forward, non-blocking, Voll- oder Halbduplexbetrieb, Auto-negotiated Data control, Wandbefestigung Material: Housing Aluminium Gehäuse Flange PBT, UL94V-0 Flansch Specifications Operating Temp.: -40°C ~ +85°C Betriebstemp. Electrical specifications (on request) Industrial Peripherals * i.a.w. IEEE 802.3 IEEE 1588 Part Number No. of Y-ConFlange-10* Colour Y-ConCoupler-10 2 Blue Y-ConCoupler-10-B 2 Black Y-ConCoupler-11 1 (plus cable gland ∅5.0 -9.0mm) Blue Y-ConCoupler-11-B 1 (plus cable gland ∅5.0 -9.0mm) Black Series Design Number (see table below) No Mark = Blue B = Blac Y-ConCoupler - ** * Part Number (Details) Series Design Number Y-ConSwitch-1U7P Part Number (Details) |