| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFRC63002R bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 118 page ![]() MFRC630 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 6 September 2012 227531 30 of 118 NXP Semiconductors MFRC630 Contactless reader IC The bit HiAlert is set to logic 1 if maximum water level bytes (as set in register WaterLevel) or less can be stored in the FIFO-buffer. It is generated according to the following equation: (2) The bit LoAlert is set to logic 1 if water level bytes (as set in register WaterLevel) or less are actually stored in the FIFO-buffer. It is generated according to the following equation: (3) HiAlert FiFoSize FiFoLength – WaterLevel = LoAlert FIFOLength WaterLevel = |