| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-MOD-RF-T bảng dữ liệu(PDF) 43 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-MOD-RF-T bảng dữ liệu(HTML) 43 Page - Silicon Laboratories |
|
43 / 43 page ![]() 8-5 EM35x Development Kit User Guide 120-4030-000E 8.6 Programming Manufacturing Tokens The em3xx_load utility has the ability to program manufacturing tokens much like the em2xx_patch tool did. In the case of the EM357, these tokens are contained in the Customer Information Block(CIB). For more information on using the em3xx_load utility, refer to document 120-4032-000, EM3xx Utilities Guide. 8.6.1 Programming Certificates & Installation Codes Certificates and installation codes can be programmed using the same em3xx_load tool that is used to program other tokens. There is a separate application note which describes the process in detail. For more information, see document 120-5058-000, Setting Manufacturing Certificates and Installation Codes. 8.7 Using the Debugger in IAR Embedded Workbench with an Ember InSight Adapter 1. Start IAR Embedded Workbench. Open the workspace (*.eww). 2. Select Project > Options. Select the Debugger > J-Link/J-Trace category. Select the Connection tab. 3. Select TCP/IP Communication and enter the IP address of the ISA3. Click OK. 4. Embedded Workbench is not able to program the flash on the EM357. Every time the project is re- built, you must manually load it onto the EM357 (using em3xx_load.exe) before starting a debug session. 5. Once the correct image has been loaded onto the EM357, select Project > Debug without Downloading to start the debug session. |