| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-MOD-RF-T bảng dữ liệu(PDF) 30 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-MOD-RF-T bảng dữ liệu(HTML) 30 Page - Silicon Laboratories |
|
30 / 43 page ![]() 5-1 EM35x Development Kit User Guide 120-4030-000E 5 Installing the Software 5.1 Overview Ember software for the EM35x platform is distributed through Silicon Labs’ Ember support portal at www.silabs.com/zigbee-support. You must contact Customer Support for a portal username. 5.2 Installing the Ember Stack The Ember Stack installer, ember-stack-<version>-em35x-dev.exe, should be installed first. It performs the following actions: 1. Installs the files needed to develop applications on the Ember Stack into a directory specified by the user (The default location is C:\Program Files\Ember\{release version}\ em35x.) 2. Adds a shortcut to the Start Menu into the folder specified by the user (default directory is Ember\{release version}\em35x). 3. Adds an entry to “Add/Remove Programs” (accessed from Windows Control Panel) so the stack can be uninstalled. This release should be installed in a different directory from prior installations. It is possible for multiple installations to exist together. 5.3 Installing InSight Desktop InSight Desktop can be installed by running the Insight_Desktop_Installer_<version>.exe self extracting executable found on the portal. Document 120-4031-000, EM35x Quick Start Guide, included in your EM35x Series Development Kit provides details about installing InSight Desktop for the first time and running the First- Time Setup Wizard. 5.4 Installing IAR Embedded Workbench for ARM A CD including IAR Embedded Workbench for ARM is included with your development kit. Depending on which development kit you ordered (IAR or not), you will receive either a 30-day evaluation version of EWARM or a licensed version. To install the IAR Embedded Workbench for ARM: 1. Insert the CD into your CD Drive and follow the instructions on the installer that should automatically appear. If the Installer does not automatically start, browse to your CD Drive, and click on autorun.exe. 2. Refer to the “Quickstart Installation Information” section of the IAR installer for additional information about the installation process and how to configure your license. |