| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-MOD-RF-T bảng dữ liệu(PDF) 34 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-MOD-RF-T bảng dữ liệu(HTML) 34 Page - Silicon Laboratories |
|
34 / 43 page ![]() 6-3 EM35x Development Kit User Guide 120-4030-000E To update an InSight Adapter over USB, run em3xx_isa.exe with no options. For example: >em3xx_isa.exe em3xx_isa version 1.0.9 DLL version 1.0.13, compiled Aug 19 2009 19:42:00 Updating firmware: Ember InSight Adapter V1 compiled May 26 2009 13:47:00 V0.2b4 Replacing firmware: Ember InSight Adapter V1 compiled Feb 26 2009 21:54:00 ... Firmware update successful. CRC=8DA7 Waiting for new firmware to boot New firmware booted successfully To update an InSight Adapter over Ethernet, run em3xx_isa.exe with the --ip option. For example: >em3xx_isa.exe --ip 192.168.1.100 em3xx_isa version 1.0.9 DLL version 1.0.13, compiled Aug 19 2009 19:42:00 Connecting to IP address 192.168.1.100 Updating firmware: Ember InSight Adapter V1 compiled May 26 2009 13:47:00 V0.2b4 Replacing firmware: Ember InSight Adapter V1 compiled Feb 26 2009 21:54:00 ... Firmware update successful. CRC=8DA7 Waiting for new firmware to boot New firmware booted successfully |