| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM357-MOD-RF-T bảng dữ liệu(PDF) 37 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-MOD-RF-T bảng dữ liệu(HTML) 37 Page - Silicon Laboratories |
|
37 / 43 page ![]() 7-3 EM35x Development Kit User Guide 120-4030-000E Examples ip static 192.168.1.100 255.255.255.0 192.168.1.1 ip dhcp off 7.3.6 port port 1 port 1 baud port 1 baud [5|6|7|8]-[n|o|e]-[1|2] Description Displays the configuration of the serial port. Sets the baud rate, data bits (5, 6, 7 or 8), parity (none, odd or even) and stop bits (1 or 2). Examples port 1 port 1 57600 port 1 115200 8-n-1 7.3.7 power power [on|off|read] Description Turns the power to the attached EM35x device on or off. Displays the current power setting. You can also turn the power on and off using InSight Desktop. Example power on 7.3.8 quit quit Description Closes the connection to the admin interface (Ethernet only). 7.3.9 reset reset reset adapter Description Resets the attached EM35x device. Resets theISA3. You can also reset the device using InSight Desktop. |