| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320TCI100QGLZ bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320TCI100QGLZ bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 137 page ![]() TMS320TCI100Q FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS251E − JUNE 2004 − REVISED JUNE 2006 13 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 L2 architecture expanded Figure 2 shows the detail of the L2 architecture on the TMS320TCI100Q device. For more information on the L2MODE bits, see the cache configuration (CCFG) register bit field descriptions in the TMS320C64x Two-Level Internal Memory Reference Guide (literature number SPRU610). 0x0000 0000 011 010 001 111 0x000C 0000 000 L2MODE L2 Memory Block Base Address 0x000F 0000 0x000E 0000 768K-Byte SRAM 128K-Byte RAM 32K-Byte RAM 0x000F FFFF 64K-Byte RAM 32K-Byte RAM 0x000F 8000 Figure 2. TMS320TCI100Q L2 Architecture Memory Configuration |