công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320TCI100QGLZ bảng dữ liệu(PDF) 63 Page - Texas Instruments

tên linh kiện TMS320TCI100QGLZ
Giải thích chi tiết về linh kiện  FIXED-POINT DIGTAL SIGNAL PROCESSOR
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320TCI100QGLZ bảng dữ liệu(HTML) 63 Page - Texas Instruments

Back Button TMS320TCI100QGLZ Datasheet HTML 59Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 60Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 61Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 62Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 63Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 64Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 65Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 66Page - Texas Instruments TMS320TCI100QGLZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 137 page
background image
TMS320TCI100Q
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS251E − JUNE 2004 − REVISED JUNE 2006
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device and development-support tool nomenclature (continued)
C64xDSP
TCI100Q
PREFIX
TMS
320
TCI100Q GLZ
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
DEVICE FAMILY
320 or 32 or 3
= TMS320
t DSP family
PACKAGE TYPE#||§
GLZ = 532-pin plastic BGA, with solder package balls
ZLZ = 532-pin plastic BGA, with Pb−free package balls
CLZ = Pb−Free die bump and solder ball version of GLZ
and ZLZ
DEVICE¶
† See the Recommended Operating Conditions section of this data sheet for more details.
‡ The extended temperature “A version” devices may have different operating conditions than the commercial temperature devices.
§ BGA = Ball Grid Array
¶ For the actual device part numbers (P/Ns) and ordering information, see the TI website (www.ti.com).
# The ZLZ mechanical package designator represents the version of the GLZ with Pb−Free package balls.
|| The CLZ mechanical package designator represents the version of the GLZ and ZLZ with Pb−Free die bump and solder balls.
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)†‡
( )
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature
Figure 5. TMS320C64x
 DSP Device Nomenclature (Including the TCI100Q Device)
For additional information, see the TMS320TCI100Q Digital Signal Processor Silicon Errata (literature number
SPRZ229).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com