| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1604AX bảng dữ liệu(PDF) 63 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1604AX bảng dữ liệu(HTML) 63 Page - SONiX Technology Company |
|
63 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 63 Revision 1.94 PWM FUNCTION DESCRIPTION (SN8P1604 Only) OVERVIEW PWM function is generated by TC1 timer counter and output the PWM signal to PWM1OUT pin (P5.3). The 8-bit counter counts modulus 256, from 0-255, inclusive. The value of the 8-bit counter is compared to the contents of the reference register TC1R. When the reference register value TC1R is equal to the counter value TC1C, the PWM output goes low. When the counter reaches zero, the PWM output is forced high. The low-to-high ratio (duty) of the PWM1 output is TC1R/256. All PWM outputs remain inactive during the first 256 input clock signals. Then, when the counter value (TC1C) changes from FFH back to 00H, the PWM output is forced to high level. The pulse width ratio (duty cycle) is defined by the contents of the reference register (TC1R) and is programmed in increments of 1:256. The 8-bit PWM data register TC1R is a write only register. PWM output can be held at low level by continuously loading the reference register with 00H. Under PWM operating, to change the PWM’s duty cycle is to modify the TC1R. Reference Register Value (TC1R) Duty 0000 0000 0/256 0000 0001 1/256 0000 0010 2/256 . . . . 1000 0000 128/256 1000 0001 129/256 . . . . 1111 1110 254/256 1111 1111 255/256 TC1 Clock TC1R = 00H TC1R = 80H TC1R = 01H TC1R = FFH High Low Low High Low Low High 01 128 ..... 254 255 ..... 01 128 ..... 254 255 ..... TC1 Clock TC1R = 00H TC1R = 80H TC1R = 01H TC1R = FFH High Low Low High Low Low High Low High 01 128 ..... 254 255 ..... 01 128 ..... 254 255 ..... 01 128 ..... 254 255 ..... ..... 01 128 ..... 254 255 ..... ..... |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |