công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AX bảng dữ liệu(PDF) 8 Page - SONiX Technology Company

tên linh kiện SN8P1604AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AX bảng dữ liệu(HTML) 8 Page - SONiX Technology Company

Back Button SN8P1604AX Datasheet HTML 4Page - SONiX Technology Company SN8P1604AX Datasheet HTML 5Page - SONiX Technology Company SN8P1604AX Datasheet HTML 6Page - SONiX Technology Company SN8P1604AX Datasheet HTML 7Page - SONiX Technology Company SN8P1604AX Datasheet HTML 8Page - SONiX Technology Company SN8P1604AX Datasheet HTML 9Page - SONiX Technology Company SN8P1604AX Datasheet HTML 10Page - SONiX Technology Company SN8P1604AX Datasheet HTML 11Page - SONiX Technology Company SN8P1604AX Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 8
Revision 1.94
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1600 series is an 8-bit micro-controller utilized CMOS technology and featured with low power consumption
and high performance by its unique electronic structure.
SN8P1602/ SN8P1603 is designed with the excellent IC structure including the program memory up to 1K-word OTP
ROM, data memory of 48-bytes RAM, one 8-bit timer (TC0), a watchdog timer, two interrupt sources (TC0, INT0), and
4-level stack buffers.
More expansion functions come with SN8P1604, such like 4K-word OTP ROM, more data memory of 128-byte RAM,
8-bit timer named TC1, and buzzer function for different application. More details listed below.
Besides, user can choose desired oscillator configuration for the controller. There are four external oscillator
configurations to select for generating system clock, including High/Low speed crystal, ceramic resonator or
cost-saving RC oscillator. SN8P1600 also includes an internal RC oscillator for slow mode controlled by program.
SELECTION TABLE
Timer
PWM Wakeup
CHIP
ROM
RAM
I/O
Stack
TC0
TC1
LVD
Buzzer Pin no.
Package
SN8P1602
On/Off
SN8P1603
1K*16
48
14
V
-
On
-
6
DIP18/SOP18/SSOP20
SN8P1604 4K*16
128
22
4
-
V
On/off
1
10
SKDIP28/SOP28
Notice: The SN8P1603 always turn the LVD (low voltage detect) on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com