| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1604AX bảng dữ liệu(PDF) 41 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1604AX bảng dữ liệu(HTML) 41 Page - SONiX Technology Company |
|
41 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 41 Revision 1.94 7 7 7 OSCILLATORS OVERVIEW The SN8P1600 highly performs the dual clock micro-controller system. The dual clocks are high-speed clock and low-speed clock. The high-speed clock frequency is supplied through the external oscillator circuit. The low-speed clock frequency is supplied through on-chip RC oscillator circuit. The external high-speed clock and the internal low-speed clock can be system clock (Fosc). The system clock is divided by 4 to be the instruction cycle (Fcpu). Fcpu = Fosc / 4 The system clock is required by the following peripheral modules: Timer 0 (TC0) Watchdog timer CLOCK BLOCK DIAGRAM fl CPUM0 LXOSC. fcpu fosc/4 CPUM0 fh HXOSC. XIN XOUT STPHX HXRC CPUM0 Divided by 4 CLKMD Divided by 2 OSG Divided by 2 1 : Disable 0 : Enable OSG : Oscillator Safe Guard 1 : Disable -- System Default 0 : Enable HXRC(1:0) is code option •00= RC •01 =32 Khz Oscillator •10 = High Speed Oscillator (>10Mhz) •11 = Standard Oscillator (4Mhz) fl CPUM0 LXOSC. fl CPUM0 LXOSC. fcpu fosc/4 CPUM0 fcpu fosc/4 CPUM0 fh HXOSC. XIN XOUT STPHX HXRC CPUM0 fh HXOSC. XIN XOUT STPHX HXRC CPUM0 Divided by 4 CLKMD Divided by 4 Divided by 4 CLKMD Divided by 2 Divided by 2 OSG OSG Divided by 2 1 : Disable 0 : Enable OSG : Oscillator Safe Guard 1 : Disable -- System Default 0 : Enable HXRC(1:0) is code option •00= RC •01 =32 Khz Oscillator •10 = High Speed Oscillator (>10Mhz) •11 = Standard Oscillator (4Mhz) HXOSC: External high-speed clock. LXOSC: Internal low-speed clock. OSG: Oscillator safe guard. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |