công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AX bảng dữ liệu(PDF) 16 Page - SONiX Technology Company

tên linh kiện SN8P1604AX
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AX bảng dữ liệu(HTML) 16 Page - SONiX Technology Company

Back Button SN8P1604AX Datasheet HTML 12Page - SONiX Technology Company SN8P1604AX Datasheet HTML 13Page - SONiX Technology Company SN8P1604AX Datasheet HTML 14Page - SONiX Technology Company SN8P1604AX Datasheet HTML 15Page - SONiX Technology Company SN8P1604AX Datasheet HTML 16Page - SONiX Technology Company SN8P1604AX Datasheet HTML 17Page - SONiX Technology Company SN8P1604AX Datasheet HTML 18Page - SONiX Technology Company SN8P1604AX Datasheet HTML 19Page - SONiX Technology Company SN8P1604AX Datasheet HTML 20Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 16
Revision 1.94
3
3
3 ADDRESS SPACES
PROGRAM MEMORY (ROM)
OVERVIEW
The SN8P1600 provides the program memory up to 1024 * 16-bit (4096 *16-bit for SN8P1604) to be addressed and is
able to fetch instructions through 10-bit wide PC (Program Counter). It can look up ROM data by using ROM code
registers (R, Y, Z).
1-word reset vector addresses
1-word interrupt vector addresses
1K words general purpose area (SN8P1602/1603)
4K words general purpose area (SN8P1604)
5-words reserved area
All of the program memory is partitioned into three coding areas. The 1
st area is located from 00H to 03H(The Reset
vector area), the 2
nd area is a reserved area 04H ~07H, the 3rd area is for the interrupt vector and the user code area
from 0008H to 0FFEH. The address 08H is the interrupt enter address point.
SN8P160
4
SN8P1602/SN8P160
3
ROM
0000H
0000H
Reset vector
User reset vector
0001H
0001H
Jump to user start address
0002H
0002H
Jump to user start address
0003H
0003H
General purpose area
Jump to user start address
0004H
0004H
0005H
0005H
0006H
0006H
0007H
0007H
Reserved
0008H
0008H
Interrupt vector
User interrupt vector
0009H
0009H
User program
.
.
.
.
000FH
000FH
0010H
0010H
0011H
0011H
.
.
.
.
0FFEH
03FEH
General purpose area
End of user program
0FFFH
03FFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com