công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AS bảng dữ liệu(PDF) 64 Page - SONiX Technology Company

tên linh kiện SN8P1604AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AS bảng dữ liệu(HTML) 64 Page - SONiX Technology Company

Back Button SN8P1604AS Datasheet HTML 60Page - SONiX Technology Company SN8P1604AS Datasheet HTML 61Page - SONiX Technology Company SN8P1604AS Datasheet HTML 62Page - SONiX Technology Company SN8P1604AS Datasheet HTML 63Page - SONiX Technology Company SN8P1604AS Datasheet HTML 64Page - SONiX Technology Company SN8P1604AS Datasheet HTML 65Page - SONiX Technology Company SN8P1604AS Datasheet HTML 66Page - SONiX Technology Company SN8P1604AS Datasheet HTML 67Page - SONiX Technology Company SN8P1604AS Datasheet HTML 68Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 64
Revision 1.94
PWM PROGRAM DESCRIPTION
Example: Setup PWM1 output from TC1 to PWM1OUT (P5.3). The external high-speed oscillator clock is
4MHz. The duty of PWM is 30/256. The PWM frequency is about 1KHz. The PWM clock source is from
external oscillator clock. TC1 rate is Fcpu/4. The TC1RATE2~TC1RATE1 = 110. TC1C = TC1R = 30.
MOV
A,#01100000B
B0MOV
TC1M,A
; Set the TC1 rate to Fcpu/4
MOV
A,#0x00
;First Time Initial TC0
B0MOV
TC1C,A
MOV
A,#30
; Set the PWM duty to 30/256
B0MOV
TC1R,A
B0BCLR
FTC1OUT
; Disable TC1OUT function.
B0BSET
FPWM1OUT
; Enable PWM1 output to P5.3 and disable P5.3 I/O function
B0BSET
FTC1ENB
; Enable TC1 timer
Note1: The TC1R is write-only register. Don’t process them using INCMS, DECMS instructions.
Note2: Set TC1C at initial is to make first duty-cycle correct. After TC1 is enabled, don’t modify TC1R
value to avoid duty cycle error of PWM output.
Example: Modify TC1R registers’ value.
MOV
A, #30H
; Input a number using B0MOV instruction.
B0MOV
TC1R, A
INCMS
BUF1
; Get the new TC1R value from the BUF1 buffer defined by
B0MOV
A, BUF1
; programming.
B0MOV
TC1R, A
Note3: That is better to set the TC1C and TC1R value together when PWM1 duty modified. It protects the
PWM1 signal no glitch as PWM1 duty changing.
Note4: The TC1OUT function must be set “0” when PWM1 output enable.
Note5: The PWM can work with interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com