công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AS bảng dữ liệu(PDF) 51 Page - SONiX Technology Company

tên linh kiện SN8P1604AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AS bảng dữ liệu(HTML) 51 Page - SONiX Technology Company

Back Button SN8P1604AS Datasheet HTML 47Page - SONiX Technology Company SN8P1604AS Datasheet HTML 48Page - SONiX Technology Company SN8P1604AS Datasheet HTML 49Page - SONiX Technology Company SN8P1604AS Datasheet HTML 50Page - SONiX Technology Company SN8P1604AS Datasheet HTML 51Page - SONiX Technology Company SN8P1604AS Datasheet HTML 52Page - SONiX Technology Company SN8P1604AS Datasheet HTML 53Page - SONiX Technology Company SN8P1604AS Datasheet HTML 54Page - SONiX Technology Company SN8P1604AS Datasheet HTML 55Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 51
Revision 1.94
8
8
8 TIMERS
WATCHDOG TIMER (WDT)
The watchdog timer (WDT) is a binary up counter designed for monitoring program execution. If the program goes into
the unknown status by noise interference, WDT overflow signal raises and resets MCU. The instruction that clear the
watchdog timer (“B0BSET
FWDRST“) should be executed within a certain period. If an instruction that clears the
watchdog timer is not executed within the period and the watchdog timer overflows, reset signal is generated and
system is restarted. The watchdog timer rate has two rates for high/low speed mode. WDT rate selection is handled by
oscillator code option. The watchdog timer disables at power down mode.
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
0
WDRST
0
0
CPUM0
CLKMD
STPHX
0
Read/Write
-
R/W
-
-
R/W
R/W
R/W
-
After reset
-
0
-
-
0
0
0
-
WDRST: Watchdog timer reset bit. 0 = Non reset, 1 = clear the watchdog timer counter.
Note: The bit 0, 4, 5, 7 must be “0”, or the system will be error.
Watchdog timer overflow table.
Code option of High_Clk
Watchdog timer overflow time
4M_X’tal / 12M_X’tal / RC
1 / ( fcpu
÷ 214 ÷ 16 ) = 293 ms, Fosc=3.58MHz
32K_X’tal
1 / ( fcpu
÷ 28 ÷ 16 ) = 500 ms, Fosc=32768Hz
Note: The watchdog timer can be enabled or disabled by the code option.
Example: An operation of watchdog timer is as following. To clear the watchdog timer counter in the top
of the main routine of the program.
Main:
B0BSET
FWDRST
; Clear the watchdog timer counter.
.
.
CALL
SUB1
CALL
SUB2
.
.
.
.
.
.
JMP
MAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com