| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1604AS bảng dữ liệu(PDF) 25 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1604AS bảng dữ liệu(HTML) 25 Page - SONiX Technology Company |
|
25 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 25 Revision 1.94 WORKING REGISTERS The RAM bank0 locations 82H to 84H store the specially defined registers such as register R, Y, Z, respectively shown in the following table. These registers can use as the general-purpose working buffer or access ROM’s and RAM’s data. For instance, all of the ROM table can be looked-up by R, Y and Z registers. The data of RAM memory can be indirectly accessed with Y and Z registers. Y, Z REGISTERS The Y and Z registers are the 8-bit buffers. There are three major functions of these registers. First, Y and Z registers can be used as working registers. Second, these two registers can be used as data pointers for @YZ register. Third, the registers can address ROM location to look up ROM data. 084H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Y YBIT7 YBIT6 YBIT5 YBIT4 YBIT3 YBIT2 YBIT1 YBIT0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 083H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Z ZBIT7 ZBIT6 ZBIT5 ZBIT4 ZBIT3 ZBIT2 ZBIT1 ZBIT0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 The @YZ that is data point_1 index buffer located at address 0E7H in RAM bank 0. It employs Y and Z registers to addressing RAM location to read/write data through ACC. The Lower 4-bit of Y register points to RAM bank number and Z register to RAM address number, respectively. The higher 4-bit data of Y register is truncated in RAM indirectly access mode. Example: Following example uses indirectly addressing mode to access data in the RAM address 025H of bank0. B0MOV Y, #00H ; To set RAM bank 0 for Y register B0MOV Z, #25H ; To set location 25H for Z register B0MOV A, @YZ ; To read a data into ACC Example: Clear general-purpose data memory area of bank 0 using @YZ register. B0MOV Y, #0 ; Y = 0, bank 0 B0MOV Z, #07FH ; Z = 7FH, the last address of the data memory area CLR_YZ_BUF: CLR @YZ ; Clear @YZ to be zero DECMS Z ; Z – 1, if Z= 0, finish the routine JMP CLR_YZ_BUF ; Not zero CLR @YZ END_CLR: ; End of clear general purpose data memory area of bank 0 . Note: Please consult the “LOOK-UP TABLE DESCRIPTION” about Y, Z register look-up table application. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |