công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN8P1604AS bảng dữ liệu(PDF) 57 Page - SONiX Technology Company

tên linh kiện SN8P1604AS
Giải thích chi tiết về linh kiện  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONIX [SONiX Technology Company]
Trang chủ  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1604AS bảng dữ liệu(HTML) 57 Page - SONiX Technology Company

Back Button SN8P1604AS Datasheet HTML 53Page - SONiX Technology Company SN8P1604AS Datasheet HTML 54Page - SONiX Technology Company SN8P1604AS Datasheet HTML 55Page - SONiX Technology Company SN8P1604AS Datasheet HTML 56Page - SONiX Technology Company SN8P1604AS Datasheet HTML 57Page - SONiX Technology Company SN8P1604AS Datasheet HTML 58Page - SONiX Technology Company SN8P1604AS Datasheet HTML 59Page - SONiX Technology Company SN8P1604AS Datasheet HTML 60Page - SONiX Technology Company SN8P1604AS Datasheet HTML 61Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 57
Revision 1.94
TC1M MODE REGISTER
The TC1M is an 8-bit read/write timer mode register. By loading different value into the TC1M register, users can
modify the timer frequency dynamically as program executing.
Eight rates for TC1 timer can be selected by TC0RATE1 ~ TC1RATE2 bits. The range is from fcpu/2 to fcpu/256. The
TC1M initial value is zero and the rate is fcpu/256. The bit7 of TC1M named TC1ENB is the control bit to start TC1
timer. The combination of these bits is to determine the TC1 timer clock frequency and the intervals.
0DCH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TC1M
TC1ENB
TC1rate2
TC1rate1
TC1rate0
0
ALOAD1
TC1OUT
PWM1OUT
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
After reset
0
0
0
0
0
0
0
0
TC1ENB: TC1 counter/BZ1/PWM1OUT enable bit. “0” = disable, “1” = enable.
TC1RATE2~TC1RATE0: TC1 internal clock select bits. 000 = fcpu/256, 001 = fcpu/128, … , 110 = fcpu/4, 111 =
fcpu/2.
ALOAD1: TC1 auto-reload control bit, “0” the auto-reload function is disabled. “1 “ is to enable the auto-reload function.
TC1OUT : TC1 Time-out toggle signal output control bit. “0”: No TC1 time-out output signal. “1”: When TC1 time-out
occurs, P5.3 output toggles.
PWM1OUT : PWM output control bit. “0”: No PWM output function. “1”: PWM will output waveform through pin P5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com