| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AP bảng dữ liệu(PDF) 35 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP bảng dữ liệu(HTML) 35 Page - SONiX Technology Company |
|
35 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 35 Revision 1.94 4 4 4 ADDRESSING MODE OVERVIEW The SN8P1600 provides three addressing modes to access RAM data, including immediate addressing mode, directly addressing mode and indirectly address mode. The main purpose of the three different modes is described in the following table. IMMEDIATE ADDRESSING MODE The immediate addressing mode uses an immediate data to set up the location (“ MOV A, # I ”, “ B0MOV M, # I “) in ACC or specific RAM. Immediate addressing mode MOV A, #12H ; To set an immediate data 12H into ACC DIRECTLY ADDRESSING MODE The directly addressing mode uses address number to access memory location (“ MOV A,12H ”, “ MOV 12H, A ”). Directly addressing mode B0MOV A, 12H ; To get a content of location 12H of bank 0 and save in ACC INDIRECTLY ADDRESSING MODE The indirectly addressing mode is to set up an address in data pointer registers (Y/Z) and uses MOV instruction to read/write data between ACC and @YZ register (“ MOV A,@YZ ”, “ MOV @YZ, A ”). Example: Indirectly addressing mode with @YZ register CLR Y ; To clear Y register to access RAM bank 0. B0MOV Z, #12H ; To set an immediate data 12H into Z register. B0MOV A, @YZ ; Use data pointer @YZ reads a data from RAM location ; 012H into ACC. |