| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AP bảng dữ liệu(PDF) 23 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP bảng dữ liệu(HTML) 23 Page - SONiX Technology Company |
|
23 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 23 Revision 1.94 Example: “@JMP_A” application in SONIX macro file called “MACRO3.H”. B0MOV A, BUF0 ; “BUF0” is from 0 to 4. @JMP_A 5 ; The number of the jump table listing is five. JMP A0POINT ; If ACC = 0, jump to A0POINT JMP A1POINT ; ACC = 1, jump to A1POINT JMP A2POINT ; ACC = 2, jump to A2POINT JMP A3POINT ; ACC = 3, jump to A3POINT JMP A4POINT ; ACC = 4, jump to A4POINT If the jump table position is from 00FDH to 0101H, the “@JMP_A” macro will make the jump table to start from 0100h. |