| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AP bảng dữ liệu(PDF) 33 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP bảng dữ liệu(HTML) 33 Page - SONiX Technology Company |
|
33 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 33 Revision 1.94 ONE ADDRESS SKIPPING There are nine instructions (CMPRS, INCS, INCMS, DECS, DECMS, BTS0, BTS1, B0BTS0, B0BTS1) with one address skipping function. If the result of these instructions is matched, the PC will add 2 steps to skip next instruction. If the condition of bit test instruction is matched, the PC will add 2 steps to skip next instruction. B0BTS1 FC ; To skip, if Carry_flag = 1 JMP C0STEP ; Else jump to C0STEP. . C0STEP: NOP B0MOV A, BUF0 ; Move BUF0 value to ACC. B0BTS0 FZ ; To skip, if Zero flag = 0. JMP C1STEP ; Else jump to C1STEP. . C1STEP: NOP If the ACC is equal to the immediate data or memory, the PC will add 2 steps to skip next instruction. CMPRS A, #12H ; To skip, if ACC = 12H. JMP C0STEP ; Else jump to C0STEP. . C0STEP: NOP If the result after increasing or decreasing by 1 is 0xFF or 0x00, the PC will add 2 steps to skip next instruction. INCS instruction: INCS BUF0 JMP C0STEP ; Jump to C0STEP if ACC is not zero. … C0STEP: NOP INCMS instruction: INCMS BUF0 JMP C0STEP ; Jump to C0STEP if BUF0 is not zero. … C0STEP: NOP DECS instruction: DECS BUF0 JMP C0STEP ; Jump to C0STEP if ACC is not zero. … C0STEP: NOP DECMS instruction: DECMS BUF0 JMP C0STEP ; Jump to C0STEP if BUF0 is not zero. … C0STEP: NOP |