| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602AP bảng dữ liệu(PDF) 19 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP bảng dữ liệu(HTML) 19 Page - SONiX Technology Company |
|
19 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 19 Revision 1.94 CHECKSUM CALCULATION The ROM addresses 0004H~0007H and last address are reserved area. User should avoid these addresses (0004H~0007H and last address) when calculate the Checksum value. Example: The demo program shows how to avoid 0004H~0007H when calculated Checksum from 00H to the end of user’s code MOV A,#END_USER_CODE$L B0MOV END_ADDR1,A ;save low end address to end_addr1 MOV A,#END_USER_CODE$ M B0MOV END_ADDR2,A ;save middle end address to end_addr2 CLR Y ;set Y to ooH CLR Z ;set Z to 00H @@: CALL YZ_CHECK ;call function of check yz value MOVC ; B0BSET FC ;clear C glag ADD DATA1,A ;add A to Data1 MOV A,R ADC DATA2,A ;add R to Data2 JMP END_CHECK ;check if the YZ address = the end of code AAA: INCMS Z ;Z=Z+1 JMP @B ;if Z!= 00H calculate to next address JMP Y_ADD_1 ;if Z=00H increase Y END_CHECK: MOV A,END_ADDR1 CMPRS A,Z ;check if Z = low end address JMP AAA ;if Not jump to checksum calculate MOV A,END_ADDR2 CMPRS A,Y ;if Yes, check if Y = middle end address JMP AAA ;if Not jump to checksum calculate JMP CHECKSUM_END ;if Yes checksum calculated is done. YZ_CHECK: ;check if YZ=0004H MOV A,#04H CMPRS A,Z ;check if Z=04H RET ;if Not return to checksum calculate MOV A,#00H CMPRS A,Y ;if Yes, check if Y=00H RET ;if Not return to checksum calculate INCMS Z ;if Yes, increase 4 to Z INCMS Z INCMS Z INCMS Z RET ;set YZ=0008H then return Y_ADD_1: INCMS Y ;increase Y NOP JMP @B ;jump to checksum calculate CHECKSUM_END: ………. ………. END_USER_CODE: ;Label of program end |